Part Number Hot Search : 
APM9968C 4953A54A 133BZC 00190 MBR3045 1241A 74HC0 NJU8710
Product Description
Full Text Search
 

To Download CEC050C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Types CE, CM, CP Disc Ceramic Capacitors
EIA Class 1 Temperature Compensating Capacitors
EIA Class 1 temperature compensating capacitors are ideal for timing and oscillating circuits. They are conformally coated with one inch minimum radial leads.
Highlights
* * * * Small size Conformally coated Radial leads Temperature compensating
Specifications
Ratings
Cap (pF) 1 5 10 15 22 100 220 20 1.5 4.7 18 33 100
Capacitance Range: Voltage Range: Tolerance: Operating Temperature Range: Insulation Resistance: Breakdown Voltage: Power Factor: Lead Length:
RoHS Compliant
1 pF to 300 pF 50, 500, 1000 Vdc See ratings tables -55 C to +125 C 10,000 megohms minimum 3 x rated (5 seconds Max.) 5% Max. @ 1 MHz 1.0 inch minimum
Size D T S d D T (Inches) Size S d (Millimeters) 4.0 4.0 4.0 4.0 4.0 6.0 3.0 3.0 3.0 3.0 3.0 3.0 2.5 2.5 2.5 2.5 2.5 5.0 5.0 6.4 6.4 6.4 6.4 6.4 .4 .4 .4 .4 .4 .5 .5 .6 .6 .6 .6 .6
Catalog Part Number Tol. ()
Temp. Coef. 50 Vdc
CEC010C * CEC050C CEC100J * CEC150J * CEC220J CEU101J * CEC221J * CMC200J * CPC1R5C * CPC4R7C * CPC180J * CPC330J * CPC101J *
.25 pF .25 pF 5% 5% 5% 5% 5% 5% .25 pF .25 pF 5% 5% 5%
NPO NPO NPO NPO NPO N750 NPO 500 Vdc NPO
.157 .118 .098 .015 .157 .118 .098 .015 .157 .118 .098 .015 .157 .118 .098 .015 .157 .118 .098 .015 .236 .118 .197 .020 .413 .118 .197 .020 .236 .157 .252 .025 .236 .177 .252 .025 .236 .177 .252 .025 .236 .177 .252 .025 .291 .177 .252 .025 .512 .177 .252 .025
10.5 3.0 6.0 6.0 6.0 6.0 7.4 4.0 4.5 4.5 4.5 4.5
1000 Vdc NPO NPO NPO NPO NPO
6.4 .6
13.0 4.5
* Available only until stock is depleted
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of CEC050C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X